PART |
Description |
Maker |
D30VC20 D30VC20F D30VC20W D30VC40F D30VC40W D30VC8 |
Silicon-Twin Rectifiers Center tap 硅双整流器中心自来水 Programmable Indicator Light; Mounting Type:30mm Barrel; Color:Multicolor; Housing Style:Right-Angle; Leaded Process Compatible:No; Light Functions:Red, Green, Yellow Light; Peak Reflow Compatible (260 C):No 硅双整流器中心自来水
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
TLN210 TLN210F |
INFRARED LIGHT-EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
|
Toshiba Corporation Toshiba Semiconductor
|
CRANE-FUN-P10-CW-SD-PW-CH |
Multi-functions: Reading light, night light, and clock modes.
|
Everlight Electronics Co., Ltd
|
NCP5890 NCP5890MUTXG |
Light Management IC Dedicated for LCD Backlighting and Multi-LED Fun Light Applications
|
ON Semiconductor
|
SC667EVB SC667ULTRT |
7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
|
Semtech Corporation
|
R48D05 R12D05 R24D05 R05D05 R05D12 R24C12 R05C05 R |
EUROLINE - DC/DC - CONVERTER 欧蒙印迹-直流/直流-转炉 monolithic CMOS integrated circuit. The output is a square wave (50% duty cycle) with frequency directly proportional to light intensity. Because . The TSL237, TSL237T have been temperature compensated for the ultraviolet-to-visible range of 320 nm to 700 nm and responds over the light range of 320 to light intensity. Because it is TTL compatible, the output allows direct interface to a microcontroller or other logic circuitry. Both devices have
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
HLMP2300 HLMP2550 HLMP-2500 HLMP-2550 HLMP-2870 HL |
LED LIGHT BARS These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
|
AVAGO TECHNOLOGIES LIMITED Everlight Electronics Co., Ltd Everlight Electronics Co., ... Everlight Electronics C... AVAGO TECHNOLOGIES LIMI...
|
EVQP2T02M EVQP2202M EVQP2002W EVQP2002M EVQP2K02Q |
Light Touch Switches/EVQP2/P9/3P2 4.7 mm3.5 mm SMD Light Touch Switch es
|
Panasonic Semiconductor
|
LIC01-215B-TR LIC01 6447 LIC01-195H LIC01-215B LIC |
230 V, SILICON SURGE PROTECTOR LIGHT IGNITION CIRCUIT From old datasheet system LIGHT IGNITION CIRCUIT
|
STMicroelectronics ST Microelectronics
|
TLYH180P TLYH180PVW |
LED Lamp InGaAlP Yellow Light Emission TOSHIBA LED Lamp InGaAP Yellow Light Emission TOSHIBA LED Lamp InGaAГP Yellow Light Emission T-1 3/4 SINGLE COLOR LED, HIGH INTENSITY YELLOW, 5 mm PLASTIC PACKAGE-2
|
TOSHIBA[Toshiba Semiconductor] Newhaven Display International, Inc.
|
EVQ2 EVQ21305R EVQ21504M EVQ21405R EVQ21507K EVQ21 |
5N Type 2R Light Touch Switches 5N Type Light Touch Switches KEYPAD SWITCH, SPST, MOMENTARY, 0.02A, 15VDC, 1.4 N, THROUGH HOLE-STRAIGHT
|
Panasonic Semiconductor Panasonic, Corp. PANASONIC CORP
|
LN66 |
Opto-Electronic Device - Light Emitting Diodes - Infared Light Emitting Diodes
|
Panasonic
|